Part Number Hot Search : 
ML4658CP 0G101 AT138 1505D MEAPRD 2SC43 AD380JH TDA73
Product Description
Full Text Search
 

To Download 1N747AUR-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N746AUR-1 THRU 1N759AUR-1 AVAILABLE IN JAN, PER MIL-PRF-19500/127
JANTX AND JANTXV JANTX AND JANTXV
* 1N4370AUR-1 THRU 1N4372AUR-1 AVAILABLE IN JAN, PER MIL-PRF-19500/127 * LEADLESS PACKAGE FOR SURFACE MOUNT * METALLURGICALLY BONDED
1N746AUR-1 thru 1N759AUR-1 and 1N4370AUR-1 thru 1N4372AUR-1 and CDLL746 thru CDLL759A and CDLL4370 thru CDLL4372A
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C DC Power Dissipation: 500 mW @ TEC = +125C Power Derating: 10 mW / C above TEC = +125C Forward Voltage @ 200mA: 1.1 volts maximum
ELECTRICAL CHARACTERISTICS @ 25C
CDI TYPE NUMBER (NOTE 1) NOMINAL ZENER VOLTAGE VZ @ 1ZT (NOTE 2) VOLTS 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10.0 12.0 ZENER TEST CURRENT 1ZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 MAXIMUM ZENER IMPEDANCE (NOTE 3) ZZT @ 1ZT OHMS 30 30 29 28 24 23 22 19 17 11 7 5 6 8 10 17 30 IR @ VR 1ZM mA 155 140 125 120 110 100 90 85 75 70 65 60 55 50 45 40 35 MAXIMUM REVERSE CURRENT MAXIMUM ZENER CURRENT
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
A
100 60 30 5 3 2 2 5 5 5 5 2 2 1 1 1 1
VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.0 2.5 3.5 4.0 5.0 6.0 7.0 8.0 9.0
CDLL4370A CDLL4371A CDLL4372A CDLL746A CDLL747A CDLL748A CDLL749A CDLL750A CDLL751A CDLL752A CDLL753A CDLL754A CDLL755A CDLL756A CDLL757A CDLL758A CDLL759A
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 25 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: Any. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
NOTE 1 NOTE 2 NOTE 3
Zener voltage tolerance on "A" suffix is +5%. No Suffix denotes + 10% tolerance. "C" suffix denotes + 2% tolerance and "D" suffix denotes + 1% tolerance. Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C, +3C. Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to 10% of 1ZT.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
93
CDLL746 CDLL4370
Pd, Rated Power Dissipation (mW) 500 400 300 200 100 0 0 25 50
thru and thru
CDLL759A CDLL4372A
FIGURE 2
75
100
125
150
175
TEC , End cap temperature (C)
POWER DERATING CURVE 100
50
ZENER IMPEDANCE ZZT (OHMS)
20
10
5
2
1 4 6 10 20 40 60 100 FIGURE 3 operating current (mA)
ZENER IMPEDANCE VS. OPERATING CURRENT 94


▲Up To Search▲   

 
Price & Availability of 1N747AUR-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X